Part Number Hot Search : 
8201XA SB860 561KD10 SN741 30100 IN145408 87832 AWT62
Product Description
Full Text Search
 

To Download KTX311T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. ULTRA HIGH SPEED SWITCHING APPLICATION. FEATURES
Including two(TR, Diode) devices in TSV. (Thin Super Mini type with 5 pin) Simplify circuit design. Reduce a quantity of parts and manufacturing process.
A F G
1
KTX311T
EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
E B 5
DIM MILLIMETERS _ A 2.9 + 0.2
B C D E F G H I J K L 1.6+0.2/-0.1 _ 0.70 + 0.05 _ 0.4 + 0.1 2.8+0.2/-0.3 _ 1.9 + 0.2 0.95 _ 0.16 + 0.05 0.00-0.10 0.25+0.25/-0.15 0.60 0.55
2
3
4
G
EQUIVALENT CIRCUIT (TOP VIEW)
C
5
4
h FE Rank
D1 Q1
5
4
J
Lot No.
1. D 1 2. Q 1 3. Q 1 4. Q 1 5. D 1 ANODE EMITTER BASE COLLECTOR CATHODE
Type Name
C
1 2 3
1
2
3
MARK SPEC
KTX311T Type Q1 hFE Rank : Y Mark CB Q1 hFE Rank : GR CC KTX311T
MAXIMUM RATINGS (Ta=25
TRANSISTOR Q1 CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Emitter Current Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC IE PC * Tj Tstg 0.8 ) RATING -30 -20 -5 -1 1 0.9 150 -55~150 UNIT V V V A A
* Package mounted on a ceramic board (600 DIODE D1 CHARACTERISTIC Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Non-Repetitive Peak Surge current Junction Temperature Storage Temperature
SYMBOL VRRM VR IO IFSM Tj Tstg
RATING 25 20 1.0 3 125 -55~125
2002. 8. 13
Revision No : 2
I
Marking
L
J
H
TSV
D
UNIT V V A
1/4
KTX311T
ELECTRICAL CHARACTERISTICS (Ta=25 )
TRANSISTOR Q1 CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Note) hFE Classification Y:120~240, SYMBOL ICBO IEBO hFE(1) (Note) hFE(2) VCE(SAT) VBE(SAT) fT Cob GR:200~400. TEST CONDITION VCB=-20V, IE=0 VEB=-5V, IC=0 VCE=-2V, IC=-50 VCE=-2V, IC=-1A (Pulse) IC=-500 IC=-500 , IB=-50 , IB=-50 MIN. 120 30 TYP. -0.15 -0.85 180 25 MAX. -0.1 -0.1 400 -0.3 -1.2 V V UNIT.
VCE=-10V, IC=-50 VCB=-10V, IE=0, f=1
DIODE D1 CHARACTERISTIC Forward Voltage Reverse Current SYMBOL VF IR IF=1.0A VR=20V TEST CONDITION MIN. TYP. 0.4 MAX. 0.45 200 UNIT. V
2002. 8. 13
Revision No : 2
2/4
KTX311T
D 1 (DIODE) 1 FORWARD CURRENT I F (A)
IF - V F
10 REVERSE CURRENT I R (mA) 10 1 100 10 1 0.1
2
I R - VR
Ta=125 Ta=75 C
100m
Ta
Ta =7 5
10m
Ta =25
Ta =2 5
2 =1
C
C
C
5
C
C
C Ta=25 C Ta=-25
1m
0.1m
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE V R (V)
Q 1 (PNP TRANSISTOR)
I C - VCE
-800 COLLECTOR CURRENT I C (mA) COLLECTOR CURRENT I C (mA)
I B =-10mA IB =-8mA IB =-6mA
I C - VCE
-1000
0m A =-5 0m A
20 m A
-10
-600
-800 -600 -400 -200
IB
=-
I B=-1
0mA
IB
IB =
I B =-30mA I B =-5mA I B =-3mA
-400
IB =-4mA IB =-2mA I B =-1mA
-200
0 0 -1 -2 -3 -4
IB =0mA
I B =-1mA
0 0 -0.2 -0.4 -0.6 -0.8 -1.0 COLLECTOR-EMITTER VOLTAGE V CE (V)
-5
-6
-7
-8
COLLECTOR-EMITTER VOLTAGE V CE (V)
I C - VBE
COLLECTOR-EMITTER SATURATION VOLTAGE VCE (V) -1.4 COLLECTOR CURRENT IC (A) -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 BASE-EMITTER VOLTAGE V BE (V)
VCE =-2V
VCE(sat) - I C
-2.0 -1.0 -0.5 -0.3 -0.1 0.05 -0.03 -0.01 -10
IC /I B =10
-30
-100
-300
-1K
-3K
-10K
COLLECTOR CURRENT I C (mA)
2002. 8. 13
Revision No : 2
3/4
KTX311T
f T - IC
TRANSITION FREQUENCY f T (MHz) 2K 1K 500 300 100 50 30 10 -1 -3 -10 -30 -100 -300 -1K COLLECTOR CURRENT I C (mA)
VCE =-10V
h FE - I C
-500 -300 DC CURRENT GAIN h FE -100 -50 -30 -10 -5 -3 -1 -1
VCE =-2V
-3
-10
-30
-100 -300
-1K
-3K
-10K
COLLECTOR CURRENT I C (mA)
2002. 8. 13
Revision No : 2
4/4


▲Up To Search▲   

 
Price & Availability of KTX311T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X